PART |
Description |
Maker |
XFATM9-CLXU2-4MS |
DUAL PORT COMBO
|
XFMRS Inc.
|
XFATM9C-CLXU2-4S XFATM9C-CLXU2-4S-15 |
DUAL PORT COMBO
|
XFMRS Inc.
|
XFGIB100-CLXU2-4MS XFGIB100-CLXU2-4MS-15 |
DUAL PORT COMBO
|
XFMRS Inc.
|
XFGIB100Y-CLXU2-4MS |
DUAL PORT GIGE COMBO
|
XFMRS Inc.
|
XFGIG12L-CTGXU2-4M |
DUAL PORT COMBO TAB UP
|
XFMRS Inc.
|
XFGIG12NPOE-CT1-4L |
SINGLE PORT COMBO Tab UP GigE POE COMBO
|
XFMRS Inc.
|
XFATM9-C2-4S |
DUAL PORT COMBO DUAL PORT COMBO
|
XFMRS Inc.
|
IDT7015L17PFB IDT7015S17PFB IDT7015L12JB IDT7015S1 |
HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 17 ns, PQCC68 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 高K的9双端口静态RAM HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 15 ns, PQFP80 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 35 ns, PQFP80 LED/TAPE AND REEL OR BULK//YELLOW RIGHT ANGLE 8K X 9 DUAL-PORT SRAM, 35 ns, PQCC68 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 12 ns, PQFP80 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 15 ns, CPGA68 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 25 ns, PQFP80 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 12 ns, CPGA68
|
Integrated Device Technology, Inc.
|
IDT7005L25F IDT7005L55G IDT7005L55GB IDT7005L55JB |
Synchronous DC-DC MOSFET Driver; ; No of Pins: 8; Container: Tape & Reel 8K X 8 DUAL-PORT SRAM, 55 ns, PQCC68 Power Factor Correction (PFC) and PWM Controller Combo; ; No of Pins: 8; Container: Tape & Reel 8K X 8 DUAL-PORT SRAM, 17 ns, QFP68 HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM 高K的8双端口静态RAM HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM 8K X 8 DUAL-PORT SRAM, 20 ns, CPGA68 HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM 8K X 8 DUAL-PORT SRAM, 25 ns, PQFP64 Dual 2A High-Speed, Low-Side Gate Driver; Package: MLP; No of Pins: 8; Container: Tape & Reel Dual 2A High-Speed, Low-Side Gate Driver; Package: SOIC; No of Pins: 8; Container: Tape & Reel Multi-Color LED; LED Color:Green; Luminous Intensity:11ucd; Viewing Angle:40 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-30 C to 85 C; Color:Green; Leaded Process Compatible:No RoHS Compliant: No Mono & Stereo Amps with Microphone; Package: MLP; No of Pins: 24; Container: Tape & Reel Dual, Ultra Low Cost, RRIO CMOS Amplifier; Package: MSOP; No of Pins: 8; Container: Tape & Reel Single, Ultra Low Cost, RRIO CMOS Amplifier; Package: SOT-23; No of Pins: 5; Container: Tape & Reel
|
Integrated Device Techn... INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc.
|
CY7C136-25JXI CY7C136A-55JXI CY7C136A-55NXI CY7C14 |
2K x 8 Dual-Port Static RAM High speed access: 15 ns 2K x 8 Dual-Port Static RAM 2K X 8 DUAL-PORT SRAM, 25 ns, PQFP52 2K x 8 Dual-Port Static RAM 2K X 8 DUAL-PORT SRAM, 25 ns, PQCC52
|
Cypress Semiconductor, Corp.
|
70V24S15PF 70V25S15J 70V35L25PF8 IDT70V35L25PF8 ID |
4K X 16 3.3V DUAL-PORT SRAM TQFP-100 8K X 16 DUAL-PORT SRAM, 15 ns, PQCC84 8K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 4K X 16 DUAL-PORT SRAM, 35 ns, CPGA84
|
INTEGRATED DEVICE TECHNOLOGY INC
|
|